d-st s eries industry - control of speed variators and calculators. houses and public buildings - control of heating, air conditioning, lighting, shutters and re safety. infrastructures - uids control, motorway tolls and street lighting. the amphenol screw termination d-sub series is especially designed for eld applications. these new connectors permit easy wiring without any speci c tool; only a standard electrician s screwdriver is required. due to their reduced overall dimensions, these connectors are compatible with all standard hoods and accessories. screw termination i nches ( mm ) t elephone : (416) 754-5656 f ax : (416) 754-8668 e-m ail : sales @ amphenolcanada . com 26 shells steel tin plated insulator glass lled thermoplastic, ul94v-0 contacts machined brass, full gold current rating 7,5 a max. voltage rating 300 v rms at 50 hz withstanding voltage 1000 v rms at 50 hz insulation resistance > 5000 ? at 500 v dc contact resistance < 5 ? operating temperature -67 f (-55 c) to +185 f (85 c), peak at 257 f (125 c) damp heat 21 days 219 f(104 c - 95% hr) salt spray 48 hours cable type solid or stranded cable gauge 0,75 mm 2 max. (awg 18) - for bigger wire, please consult factory screw torque 0,05 mn max. mating cycles 100 (class ii) or 500 (class i) m aterials and p latings e lectrical d ata c limatic d ata m echanical d ata s pecifications :
t elephone : (416) 754-5656 f ax : (416) 754-8668 e-m ail : sales @ amphenolcanada . com 27 d-st s eries cable stripping abcde size +.010 (0.25) 0 +.008 (0.2) +.004 (0.1) +.004 (0.1) -.010 (0.25) -.008 (0.2) 0 -.004 (0.1) -.016 (0.4) 9 1.209 .646 .661 .984 .370 (30.7) (16.4) (16.8) (25) (19.4) 15 1.535 .976 .988 1.311 1.091 (39) (24.8) (25.1) (33.3) (27.7) 25 2.083 1.516 1.528 1.850 1.630 (52.9) (38.5) (38.8) (47) (41.4) 37 2.724 2.161 2.177 2.500 2.280 (69.2) (54.9) (55.3) (63.5) (57.9) screw termination
28 t elephone : (416) 754-5656 f ax : (416) 754-8668 e-m ail : sales @ amphenolcanada . com screw termination d-st s eries dppk straight cable entry dtzk straight cable entry dssk angled cable entry dvzk angled cable entry class ii: 77d female connector 717d male connector,shells with dimples class i: 177d female connector 777d male connector, shells with dimples size and number of contacts e09, a15, b25, c37 type of contact: p male s female contact termination: st screw termination kit connector + hood option: 1 dppk hood (see following description) 2 dssk hood 3 dtzk hood 4 dvzk hood o rdering i nformation p lastic h oods m etallic h oods i nches ( mm ) 717d - e09 - p - st - 1
|